PART |
Description |
Maker |
MAX8516EUBTG65 |
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
|
MAXIM - Dallas Semiconductor
|
MAX8517EUB_V MAX8517EUB/V MAX8518EUB-T MAX851609 |
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators 0.5 V-3.4 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO10
|
Maxim Integrated Products, Inc.
|
RACD07-700 RACD07-350 RACD07-500 |
Universal AC Input 90-295VAC, 350mA, 500mA, 700mA Output
|
Recom International Power
|
LTC4081-15 |
500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
|
Linear Technology
|
APL5551KI-TR APL5551 APL5551KAI-TR APL5551KAI-TRL |
Dual Channel 500mA/500mA Regulator Reset IC
|
ANPEC[Anpec Electronics Coropration]
|
MAX1857 MAX1857EUA47 |
Replaced by TMS320C6202B : Fixed-Point Digital Signal Processor 352-FCBGA 500mA、具有纹波抑制的LDOamp;micro;MAX封装 500mA, Low-Dropout, Ripple-Rejecting LDO in MAX From old datasheet system 500mA / Low-Dropout / Ripple-Rejecting LDO in MAX 500mA, Low-Dropout, Ripple-Rejecting LDO in µMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX1792 MAX1792EUA MAX1792EUA15 MAX1792EUA18 MAX17 |
500mA, Low-Dropout Linear Regulator in µMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO8 500mA Low-Dropout Linear Regulator in uMAX 500mA Low-Dropout Linear Regulator in MAX 500mA Low-Dropout Linear Regulator in レMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX1589EZT250 MAX1589EZT300 MAX1589ETT250T MAX1589 |
Low-Input-Voltage, 500mA LDO Regulator with Active-Low RESET in SOT and TDFN
|
MAXIM - Dallas Semiconductor
|
MIC47050-1.8YML MIC4705012 MIC47050-1.2YMT MIC4705 |
500mA ULDO with Low Input and Low Output Voltage
|
Micrel Semiconductor
|
SP6203 SP6203EM5- SP6205ER-3.3 SP6205ER-3.0 SP6205 |
Low Noise, 300mA and 500mA CMOS LDO Regulators Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA00mA的CMOS LDO稳压 Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA500mA的CMOS LDO稳压 Circular Connector; No. of Contacts:37; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-35 低噪音,00mA00mA的CMOS LDO稳压 CRYSTALS 10/15 -20 70 18PF 19.6608MHZ ATCUT FUND HC-49/US Low Noise / 300mA and 500mA CMOS LDO Regulators Low Noise 300mA and 500mA CMOS LDO Regulators
|
Advanced Semiconductor, Inc. SIPEX[Sipex Corporation]
|